Part Number Hot Search : 
33291L ECG2328 FN817 INTER 020CT TQP9111 63A05 MM1661F
Product Description
Full Text Search
 

To Download CF5707CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CF5707CG Analog Watch Stepping Motor Driver
OVERVIEW
The CF5707CG is a 32.768kHz reference frequency crystal oscillator CMOS LSI for stepping motor drives in low-current consumption analog watches.
FEATURES
I
PAD LAYOUT
(Top view)
I I
NPC SA5707
I
32.768kHz crystal oscillator circuit * CG = 5pF, CD = 17pF built-in -1.2 to -2.0V operating supply voltage range 150nA (typ) to 250nA (max) operating current consumption Reset function * Reset in 4Hz frequency steps
(830,970) VSS TEST 1 2 3 4 8 7 6 5 RESET OUT1 OUT2 VDD
ORDERING INFORMATION
Device CF5707CG Package Chip form
XTN XT
(0,0)
Chip size: 830 x 970m Chip thickness: 220 30m Pad size: 98 x 98m Reverse side: VDD level
SEIKO NPC CORPORATION --1
CF5707CG
BLOCK DIAGRAM
RESET
TEST
XT XTN
32kHz oscillator circuit
Frequency divider circuit
OUT1
Fixed-voltage circuit
Output waveform controller
OUT2
PAD DESCRIPTION/DIMENSIONS
Number 1 2 3 4 5 6 7 8 Name VSS TEST XTN XT VDD OUT2 OUT1 RESET Negative supply voltage Test mode switch control. 512Hz clock output during normal operation Crystal oscillator circuit output Crystal oscillator circuit input Positive supply voltage Stepping motor driver output 2 Stepping motor driver output 1 Reset input Description Dimensions [m] X 165 165 165 165 665 696 696 665 Y 828 598 371 141 139 342 627 830
SEIKO NPC CORPORATION --2
CF5707CG
SPECIFICATIONS
Absolute Maximum Ratings
VDD = 0V
Parameter Supply voltage range Input voltage range Storage temperature range Symbol VSS VIN Tstg Rating -5.0 to 0.3 VSS - 0.3 to 0.3 -40 to 125 Unit V V C
Recommended Operating Conditions
Parameter Supply voltage Operating temperature Symbol VSS Topr Rating -2.0 to -1.2 -20 to 75 Unit V C
Electrical Characteristics
VDD = 0V, VSS = -1.55V, Ta = 25C, (CTR + CG) = 16pF, CD = 17pF (including parasitic capacitance), X'tal CL = 8pF, CI = 55k max
Rating Parameter Operating supply voltage1 Operating current consumption Reset input current2 Reset input resistance Test input current3 Motor output current1 Normal mode Movement period Test mode Motor pulsewidth Oscillator startup voltage Oscillator startup time4 Frequency voltage deviation Frequency deviation5 Internal capacitance6 1. 2. 3. 4. 5. Symbol VSS IDD IRST RRST IIH IIL IMOT TCY tCY TPW VSTA TSTA f/f ' CG CD (CG + CD) < 62pF, CG, CD min 5pF VSS = -1.2 to -2.0V, CTR = 5pF No load VRST = VDD VRST = -1.35V VIH = 0V VIL = -1.55V RL = 2k, VSS = -1.55V Condition min -2.0 - - 15 - - 0.7 - - - -1.3 - - -8 - - typ -1.55 0.15 6 35 1 1 - 2 62.5 3.9 - 2 0.2 - 5 17 max -1.2 0.25 - 60 3 3 - - - - - 5 1 8 - - V A nA k A A mA sec msec msec V sec ppm/0.1V ppm pF pF Unit
Parameters measured using the following measurement circuits. The current flowing from the VDD pin into the RESET pin. IIH, IIL are the input current values with clock stopped when TEST is H, L, respectively. The time interval from when power is applied until the 512Hz output on the TEST pin. ' = [f (1.55V) - f'0] / f'0 where f'0 is the oscillator center frequency under the same measurement conditions. 6. CG is measured between VDD - XT, and CD is measured between VDD - XTN. Measurement conditions: f = 40kHz, 50mVp-p
SEIKO NPC CORPORATION --3
CF5707CG
Measurement Circuit
VDD
CTR
RESET
A
IRST
XT CD
TEST
A
IIH, IIL
XTN
X'tal
OUT1
VSS
OUT2
A
IMOT RL
X' tal parameters: f = 32.768kHz, CI = 20k, C0 = 1.3pF, C1 = 2.6fF
SEIKO NPC CORPORATION --4
CF5707CG
FUNCTIONAL DESCRIPTION
Motor Output Waveform
TPW
VDD OUT1 VSS
TPW
VDD OUT2 VSS
TCY/2
TCY/2
Watch movement period Tcy = 2s, Pulsewidth Tpw = 3.9ms
Reset Function
T < TON
RESET (open) VSS
T > TON
VDD
TPW
VDD
OUT1
VSS
VDD
OUT2
TCY/2
TCY/2
TD
VSS
Reset operation The device reset condition occurs when the RESET pin goes HIGH (VDD), and the circuits are reset in 4Hz frequency divider steps. Note, however, that RESET must stay HIGH for 93.7ms or longer, otherwise the reset input is ignored. Reset release operation If the last pulse before reset was output on OUT1, then the first pulse after reset is released is output on OUT2, and vice versa. The time interval, TD, after reset is released until the first pulse output occurs is TCY/2 - 0.125s to TCY/2.
SEIKO NPC CORPORATION --5
CF5707CG
Test Function
T < Tch
TEST VSS
T > Tch
VDD
TCY/2
OUT1
TCY/2
tCY/2 tCY/2
VDD
TPW
VSS VDD
OUT2
TPW
TPW
VSS
Test mode 1 Normal mode (TEST = open) A 512Hz rectangular waveform is output on the TEST pin. Note that the load resistance is 10M or greater and capacitance is 20pF or less. Normal watch movement waveforms are output on OUT1 and OUT2. Test mode 1 (TEST = VDD) The device switches to test mode 1 when the TEST pin goes HIGH (VDD). Note, however, that the TEST must stay HIGH for 2 cycles of the 512Hz clock (TCH > 3.9ms), otherwise the input is ignored. In test mode 1, highspeed watch movement period (TCY = 62.5ms) is selected. Test mode 2 (TEST = VSS) (Note. IC test mode only) The device switches to test mode 2 when the TEST pin goes LOW (VSS). In test mode 2, operation occurs at 32-times speed. Furthermore, if an input on RESET occurs, all internal registers are cleared and circuit operation stops. Once in this condition, the circuit remains stopped until the TEST pin becomes open circuit or HIGH level (VDD).
SEIKO NPC CORPORATION --6
CF5707CG
Please pay your attention to the following points at time of using the products shown in this document. The products shown in this document (hereinafter "Products") are not intended to be used for the apparatus that exerts harmful influence on human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such use from SEIKO NPC CORPORATION (hereinafter "NPC"). Customers shall be solely responsible for, and indemnify and hold NPC free and harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties. Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document. Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested appropriately take steps to obtain required permissions or approvals from appropriate government agencies.
SEIKO NPC CORPORATION
15-6, Nihombashi-kabutocho, Chuo-ku, Tokyo 103-0026, Japan Telephone: +81-3-6667-6601 Facsimile: +81-3-6667-6611 http://www.npc.co.jp/ Email: sales@npc.co.jp
NC0419CE 2006.09
SEIKO NPC CORPORATION --7


▲Up To Search▲   

 
Price & Availability of CF5707CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X